Part Number Hot Search : 
3022VM EP9134 109216 18650 DTA14 DTA14 FN3581 2SK1449
Product Description
Full Text Search
 

To Download TO-220AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) TO-220AB features  glass passivated chip junction.  high efficiency, low vf  high current capability  high reliability  high surge current capability  low power loss mechanical data  cases: TO-220AB molded plastic  epoxy: ul 94v-0 rate flame retardant  terminals: pure tin plated, lead free.  polarity: as marked  high temperature soldering guaranteed: 260 o c/10 seconds .16?,(4.06mm) from case.  mounting position: any  weight: 2.24 grams maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol fr 1001g fr 1002g fr 1003g fr 1004g fr 1005g fr 1006g fr 1007g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current see fig. 1 i (av) 10 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 125 a maximum instantaneous forward voltage @ 5.0a v f 1.3 v maximum dc reverse current @ t c =25 o c at rated dc blocking voltage @ t c =125 o c i r 5.0 100 ua ua maximum reverse recovery time ( note 1) trr 150 250 500 ns typical junction capacitance (note 3) cj 40 pf typical thermal resistance r jc (note 2) r jc 3.0 o c/w operating and storage temperature range t j ,t stg -65 to +150 o c notes: 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. thermal resistance from junction to case per leg mounted on heatsink size 2? x 3? x 0.25? al-plate. 3. measured at 1mhz and applied reverse voltage of 4.0 volts d.c. fr1001g-fr1007g isolated 10amp. glass passivated fast recovery rectifiers http://www.luguang.cn mail:lge@luguang.cn
tj=25 c 0 tj=125 c 0 fig.1- maximum forward current derating curve average forward current. (a) 0 50 100 150 12 10 8 6 4 2 case temperature. ( c) o fig.3- maximum non-repetitive forward surge current peak forward surge current. (a) 1 2 5 10 20 100 50 150 125 100 75 50 25 0 number of cycles at 60hz tj=125 c 0 8.3ms single half sine wave jedec method fig.4- typical junction capacitance capacitance.(pf) 0.1 0.5 1 5 10 50 100 500 1000 150 100 50 0 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 fig.6- reverse recovery time characteristic and test circuit diagram 50 noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10 noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm ratings and characteristic curves (fr1001g thru fr1007g) fig.5- typical instantaneous forward characteristics per leg rofsuoenatnatsni tnerrucdraw )a(. 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 0.1 0.2 0.4 1 2 4 10 20 40 80 instantaneous forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o fig.2- typical reverse characteristics per leg instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 1000 100 10 1 0.1 percent of rated peak reverse voltage. (%) fr1001g-fr1007g isolated 10amp. glass passivated fast recovery rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of TO-220AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X